|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PHOTODIODE 16 x 16 element photodiode array detector C4675 series 2-D detector using 256-element photodiode with visible sensitivity C4675 series is a two-dimensional detector using a 16 x 16 (256) element Si PIN photodiode array that has high sensitivity in the visible range. Current-to-voltage conversion amplifiers in the signal amplifier section are connected in parallel to each element of the photodiode array, thereby allowing high-speed parallel signal processing. C4675 series is also designed to suppress the power consumption so it operates from two power supplies (15 V). Features Applications l Wide spectral response: 400 to 1000 nm l Wide active area: 17.45 x 17.45 mm (0.95 x 0.95 mm per element, 1.1 mm pitch) l Frequency response C4675-102: DC to 1 kHz C4675-302: DC to 3 kHz C4675-103: DC to 10 kHz l Parallel signal output by current-to-voltage amplifier l Low power consumption: 2.5 W Typ. l Nerve potential measurement under microscope l 2-D (wavelength x spatial position) spectrophotometry in visible range l Fine-modulation light measurement s General ratings Parameter Photodiode Number of element Active area (per 1 element) Element pitch Output type Dimensional outline Weight Rating Si PIN photodiode array (Made by Hamamatsu S4529) 16 x 16 (256) 0.95 x 0.95 1.1 Current-to-voltage conversion method, 256-ch parallel analog voltage output 136 (W) x 136 (H) x 153.5 (D) 2.1 Unit mm mm mm kg s Absolute maximum ratings Parameter Operating temperature Storage temperature Supply voltage Symbol Topr Tstg Vs Value 0 to +50 -10 to +60 (no condensation) 18 Unit C C V s Electrical and optical characteristics (Typ. Ta=25 C) Parameter Spectral response range Output uniformity Amp gain Frequency response Supply voltage Current consumption Symbol Vs P C4675-102 108 DC to 1 k C4675-302 400 to 1000 15 5 x 107 DC to 3 k 15 2.5 C4675-103 107 DC to 10 k Unit nm % V/A Hz V W s Construct device Product name Two-dimensional detector Dedicated cable Output connector Type No. C4675 series 8840S-080-174AD-150-W 8850-080-170SD Number 1 4 4 Note Made by KEL, length 1.5 m Made by KEL, on-board straight installation type 16 x 16 element photodiode array detector s Spectral response 0.6 (Ta=25 C) C4675 series (Typ. Ta=25 C) s Frequency response 10 RELATIVE OUTPUT (5 dB/div.) PHOTO SENSITIVITY (A/W) 0.5 E= 10 0 % C4675-103 0 Q 0.4 QE = % 50 0.3 -10 C4675-102 0.2 -20 C4675-302 0.1 0 300 400 500 600 700 800 900 1000 1100 -30 0.1 1 10 100 FREQUENCY (kHz) WAVELENGTH (nm) KACCB0001EA KACCB0002EB s Measurement method for frequency characteristics The LED output was adjusted so that the output voltage Vo from C4675 series is set to 5 V. Under this condition, the output of C4675 series was monitored by FFT while sweeping the LED drive frequencies. LED HAMAMATSU C4675-xxx Vo FFT SWEEP GENERATOR KACCC0002EA 16 x 16 element photodiode array detector s Operating principle When light enters a photodiode, photoelectric conversion occurs in the photodiode and the photocurrent Ip is generated. The photocurrent Ip then flows through the current-tovoltage conversion amplifier feedback resistance Rf and is output as voltage V (=Ip x Rf). C4675 series uses current-to-voltage conversion amplifiers connected to each of the 256-element photodiodes to perform parallel signal processing. A low noise bias circuit is also used to reduce the photodiode junction capacitance. Type No. C4675-102 C4675-302 C4675-103 Feedback resistance 100 M 50 M 10 M Feedback capacitance 1 pF C4675 series s Block diagram Ip INCIDENT LIGHT Cf (1p) + Ip Rf Cf (1p) + CH 2 CH 1 Rf Rf Ip Cf (1p) + LOW NOISE BIAS CIRCUIT +15 V GND -15 V CH256 +15 V GND -15 V KACCC0001EA s Application example l Nerve potential measurement under microscope HAMAMATSU C4675-xxx AC GAIN AMP DATA PROCESSING DEVICE l 2-D spectrophotometry in visible range SH MUX ADC MEMORY HAMAMATSU C4675-xxx GAIN AMP FIBER SPECTRUM RECEPTACLE l Fine-modulation light measurement HAMAMATSU C4675-xxx LOCK IN AMP CHOPPER KACCC0003EA 16 x 16 element photodiode array detector s Dimensional outline (unit: mm) 151 136 2.5 C4675 series x x + CN. 1 + 94 136 HAMAMATSU C4675-xxx + + CN. 3 + + x PCD80 (4 x) M3 DEPTH 4 7.1 (POSITION OF PHOTOSENSITIVE SURFACE) CN1 TO CN4 (MADE BY KEL 8850-080-170L) KACCA0001EA 22.0 0.15 0.95 17.45 22.0 0.95 0.15 1.10 1.10 17.45 DETAILS DETAILS OF ACTIVE AREA (16 x 16 element photodiode array S4529) KACCA0002EA Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K. HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 0.95 0.95 + + + x CN. 4 + + + CN. 2 Cat. No. KACC1001E02 Apr. 2001 DN |
Price & Availability of C4675-302 |